Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAMM15SF Fiches technique(PDF) 126 Page - ITT Industries

No de pièce DAMM15SF
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMM15SF Fiches technique(HTML) 126 Page - ITT Industries

Back Button DAMM15SF Datasheet HTML 122Page - ITT Industries DAMM15SF Datasheet HTML 123Page - ITT Industries DAMM15SF Datasheet HTML 124Page - ITT Industries DAMM15SF Datasheet HTML 125Page - ITT Industries DAMM15SF Datasheet HTML 126Page - ITT Industries DAMM15SF Datasheet HTML 127Page - ITT Industries DAMM15SF Datasheet HTML 128Page - ITT Industries DAMM15SF Datasheet HTML 129Page - ITT Industries DAMM15SF Datasheet HTML 130Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
125
D Subminiature
Filter D
D*JT Combo — High Power 90
°
Receptacle
Reader’s Resource
For contact cavity arrangements,
see page 223.
For P.C. hole patterns, see page 252.
For panel cutouts, see page 221.
For hardware views (European),
see page 227.
Part Numbers
Filter
Capacitance
Through Hole
Clinch Nut
#4-40 UNC
Clinch Nut
M3
1000 pF
DAJT3W3S1-1A0N
DAJTE3W3S1-1A0N
DAJTX3W3S1-1A0N
1500 pF
DAJT3W3S6-1A0N
DAJTE3W3S6-1A0N
DAJTX3W3S6-1A0N
5000 pF
DAJT3W3S5-1AON
DAJTE3W3S5-1AON
DAJTX3W3S5-1AON
47000 pF
DAJT3W3S9-1A0N
DAJTE3W3S9-1A0N
DAJTX3W3S9-1A0N
Note: For performance class 1 add -A190. Example: DAJT3W3S9-1AON-A190
Part Numbers — Keyed Configuration
Filter
Capacitance
Through Hole
Clinch Nut
#4-40 UNC
Clinch Nut
M3
1000 pF
DAJT3WK3S1-1A0N
DAJTE3WK3S1-1A0N
DAJTX3WK3S1-1A0N
1500 pF
DAJT3WK3S6-1A0N
DAJTE3WK3S6-1A0N
DAJTX3WK3S6-1A0N
5000 pF
DAJT3WK3S5-1AON
DAJTE3WK3S5-1AON
DAJTX3WK3S5-1AON
47000pF
DAJT3WK3S9-1A0N
DAJTE3WK3S9-1A0N
DAJTX3WK3S9-1A0N
Note: For performance class 1 add -A190. Example: DAJT3WK3S9-1AON-A190
For electrical data, see page 107.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
L
±0,25 (.010)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
Engaging Face
Keyed Configuration
Engaging Face
A1
A3
E
C
A
B
D
10
°
Ø 3,05 (.120)
2,60 (.102)
A1
A3
E
C
A
B
D
10
°
Ø 3,05 (.120)
2,60 (.102)
L
W
F
12,30
(.484)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com