Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAMM15SF Fiches technique(PDF) 61 Page - ITT Industries

No de pièce DAMM15SF
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMM15SF Fiches technique(HTML) 61 Page - ITT Industries

Back Button DAMM15SF Datasheet HTML 57Page - ITT Industries DAMM15SF Datasheet HTML 58Page - ITT Industries DAMM15SF Datasheet HTML 59Page - ITT Industries DAMM15SF Datasheet HTML 60Page - ITT Industries DAMM15SF Datasheet HTML 61Page - ITT Industries DAMM15SF Datasheet HTML 62Page - ITT Industries DAMM15SF Datasheet HTML 63Page - ITT Industries DAMM15SF Datasheet HTML 64Page - ITT Industries DAMM15SF Datasheet HTML 65Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
60
D Subminiature
Combo D
40 A High Power 90
° — Standard Footprint .489 or .454 inch
(Sizes DE-DC)
Part Numbers with Metal Bracket and Rivnut #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
Without Boardlocks
Part Number
With Screw Locks
With Boardlocks
DE
5W1
DEMP5H1PJK87
DEMC5H1PJK87
DEMD5H1PJK87
DEMG5H1PJK87
DA
7W2
DAMP7H2PJK87
DAMC7H2PJK87
DAMD7H2PJK87
DAMG7H2PJK87
DA
11W1
DAMP11H1PJK87
DAMC11H1PJK87
DAMD11H1PJK87
DAMG11H1PJK87
DA
3W3
DAMP3H3PJK87
DAMC3H3PJK87
DAMD3H3PJK87
DAMG3H3PJK87
DA
3WK3
DAMP3HK3PJK87TM
DAMC3HK3PJK87TM
DAMD3HK3PJK87TM
DAMG3HK3PJK87TM
DB
5W5
DBMP5H5PJK87
DBMC5H5PJK87
DBMD5H5PJK87
DBMG5H5PJK87
DB
9W4
DBMP9H4PJK87
DBMC9H4PJK87
DBMD9H4PJK87
DBMG9H4PJK87
DB
13W3
DBMP13H3PJK87
DBMC13H3PJK87
DBMD13H3PJK87
DBMG13H3PJK87
DB
17W2
DBMP17H2PJK87
DBMC17H2PJK87
DBMD17H2PJK87
DBMG17H2PJK87
DB
21W1
DBMP21H1PJK87
DBMC21H1PJK87
DBMD21H1PJK87
DBMG21H1PJK87
DC
8W8
DCMP8H8PJK87
DCMC8H8PJK87
DCMD8H8PJK87
DCMG8H8PJK87
DC
13W6
DCMP13H6PJK87
DCMC13H6PJK87
DCMD13H6PJK87
DCMG13H6PJK87
DC
17W5
DCMP17H5PJK87
DCMC17H5PJK87
DCMD17H5PJK87
DCMG17H5PJK87
DC
21WA4
DCMP21HA4PJK87
DCMC21HA4PJK87
DCMD21HA4PJK87
DCMG21HA4PJK87
DC
25W3
DCMP25H3PJK87
DCMC25H3PJK87
DCMD25H3PJK87
DCMG25H3PJK87
DC
27W2
DCMP27H2PJK87
DCMC27H2PJK87
DCMD27H2PJK87
DCMG27H2PJK87
Note: For contacts with 30 microinches gold substitute K127 for K87. Example: DEMP5H1PJK127
For DD shell sizes, see page 62.
Keyed.
Screw lock, boardlock, and signal contacts
removed for clarity
Screw lock, boardlock, and high power contact
removed for clarity
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
Connector footprint measured from the front shell.
Connector footprint measured from the rear shell.
A
C
B
E
D
Ø 0,76
(.030)
Ø 3,18
(.125)
2,92
(.115)
BOARDLOCK
10
°
3,89 (.153)
MIN.
20,57
± 0,38
(.810
±.015)
L
F
W
2,84
(.112)
11,53
± 0,25
(.454
± .010)
4,33
± 0,38
(.170
± .015)
Plug
Engaging Face
Reader’s Resource
For contact cavity arrangements,
see page 222.
For P.C. hole patterns, see pages 244-245.
For panel cutouts, see page 221.
For alternate bracket configuration (when
connectors are supplied without boardlocks),
see page 226.
Note:
Dimension varies with alternate bracket configuration, see Reader’s Resource page 226.
12,34
(.486) 8,64
(.340)
6,50
± 0,25
(.256
± .010)
BRACKET,
METAL
RIVNUT
#4-40 UNC
SCREW LOCK
#4-40 UNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com