Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAMM15SF Fiches technique(PDF) 131 Page - ITT Industries

No de pièce DAMM15SF
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMM15SF Fiches technique(HTML) 131 Page - ITT Industries

Back Button DAMM15SF Datasheet HTML 127Page - ITT Industries DAMM15SF Datasheet HTML 128Page - ITT Industries DAMM15SF Datasheet HTML 129Page - ITT Industries DAMM15SF Datasheet HTML 130Page - ITT Industries DAMM15SF Datasheet HTML 131Page - ITT Industries DAMM15SF Datasheet HTML 132Page - ITT Industries DAMM15SF Datasheet HTML 133Page - ITT Industries DAMM15SF Datasheet HTML 134Page - ITT Industries DAMM15SF Datasheet HTML 135Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
130
D Subminiature
Military/High Reliability
Selection Index
Page
Military/High Reliability
An Introduction ....................................................... 130
Standard Layout
90
° PC Tail with Plastic Bracket ......................................... 132
90
° PC Tail......................................................... 134
Straight PC Tail ..................................................... 136
Wrap Post Connector ................................................. 138
Solder Cup Connector ................................................ 140
MIL-C-24308 Cross Reference ........................................... 142
MIL-C-39028 Crimp Contacts ............................................ 143
HE501/D*M Cross Reference ............................................ 144
MIL-24308 Test Data .................................................. 145
Combo DPCB Connectors with Coaxial 75 Ohm Contacts (50 Ohm Option)
Coaxial 90
° (Sizes DE-DC) ............................................. 146
Coaxial 90
° (Size DD)................................................. 148
Coaxial Straight (Sizes DE-DC) .......................................... 150
Coaxial Straight (Size DD).............................................. 152
Combo DPCB Connectors with High Power Contacts
40 A High Power 90
° (Sizes DE-DC)...................................... 154
40 A High Power 90
° (Size DD) ......................................... 156
40 A High Power Straight (Sizes DE-DC)................................... 158
40 A High Power Straight (Size DD) ...................................... 160
Combo DPCB Connectors with High Voltage Contacts
High Voltage Straight (Sizes DE-DC) ...................................... 162
High Voltage Straight (Size DD).......................................... 164
Combo DPCB Connectors with (Size 20) Signal Contacts Only
Cable Solder Cup (Sizes DE-DD)......................................... 166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com