| Moteur de recherche de fiches techniques de composants électroniques |
|
SACB12 Fiches technique(PDF) 49 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
SACB12 Fiches technique(HTML) 49 Page - Littelfuse |
|
49 / 146 page ![]() 45 ©2008 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to http://www.littelfuse.com for current information. Transient Voltage Suppression Diodes SMCJ Series Surface Mount – 1500W > SMCJ series Part Numbering System Packaging Part number Component Package Quantity Packaging Option Packaging Specification SMCJxxxXX DO-214AB 3000 EIA STD RS-481 Part Marking System VOLTAGE BI-DIRECTIONAL 5% VOLTAGE TOLERANCE SERIES SMCJ XXX C A F Marking Code Littelfuse Logo Cathode Band |