| Moteur de recherche de fiches techniques de composants électroniques |
|
SACB12 Fiches technique(PDF) 3 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
SACB12 Fiches technique(HTML) 3 Page - Littelfuse |
|
3 / 146 page ![]() 35 7 tection folio OVERCURRENT PROTECTION TECHNOLOGIES (7-8) In addition to our broad portfolio of circuit protection technologies, we offer an array of fuse holders including circuit board, panel or in-line wire mounted devices to support a wide range of application requirements. 4 ACCESSORIES 68 Switching Thyristors— Solid-state switches used to control the flow of electrical current in applications, capable of withstanding rated blocking/ off-state voltage until triggered to on-state. SWITCHING TECHNOLOGIES Supplies Lighting General Electronics www.littelfuse.com for more information. 7. Positive Temperature Coefficient Devices (PTCs)— Provide resettable overcurrent protection for a wide range of applications. 8. Fuses — Full range including surface mount, axial, glass or ceramic, thin-film or Nano2® style, fast-acting or SloBlo®, MINI® and ATO® fuses. |