| Moteur de recherche de fiches techniques de composants électroniques |
|
SACB12 Fiches technique(PDF) 21 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
SACB12 Fiches technique(HTML) 21 Page - Littelfuse |
|
21 / 146 page ![]() 17 ©2008 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to http://www.littelfuse.com for current information. Transient Voltage Suppression Diodes P4SMA Series Surface Mount – 400W > P4SMA series Part Numbering System VOLTAGE BI-DIRECTIONAL 5% VOLTAGE TOLERANCE SERIES P4SMA XXX C A Packaging Part number Component Package Quantity Packaging Option Packaging Specification P4SMAxxxXX DO-214AC 5000 EIA STD RS-481 Part Marking System F Marking Code Littelfuse Logo Cathode Band |