| Moteur de recherche de fiches techniques de composants électroniques |
|
ECMF02-4CMX8 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ECMF02-4CMX8 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 16 page ![]() ECMF02-4CMX8 Package information Doc ID 022286 Rev 1 13/16 4 Package information ● Epoxy meets UL94, V0 ● Lead-free packages In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Figure 21. µQFN-8L dimension definitions Table 3. µQFN-8L dimension values Ref. Dimensions Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 0.45 0.50 0.55 0.018 0.020 0.022 A1 0.00 0.02 0.05 0.00 0.0008 0.002 b 0.15 0.20 0.25 0.006 0.008 0.010 D 2.45 2.50 2.55 0.096 0.098 0.100 E 1.15 1.20 1.25 0.045 0.047 0.049 e 0.45 0.50 0.55 0.018 0.020 0.022 L 0.30 0.40 0.50 0.012 0.016 0.020 b PIN 1 # D e E 0.40 |