Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ECMF02-4CMX8 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce ECMF02-4CMX8
Description  Common mode filter with ESD protection for USB 2.0 Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF02-4CMX8 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button ECMF02-4CMX8 Datasheet HTML 2Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 3Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 4Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 5Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 6Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 7Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 8Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 9Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Characteristics
ECMF02-4CMX8
6/16
Doc ID 022286 Rev 1
Figure 8.
ESD response to IEC 61000-4-2 (-8 kV contact discharge) on VBUS
Figure 9.
ESD response to IEC 61000-4-2 (+8 kV contact discharge) on ID
-83.5 V
-46.0 V
-30.4 V
-22.0 V
1
2
4
3
V : ESD peak voltage
V :clamping voltage @ 30 ns
V :clamping voltage @ 60 ns
PP
CL
CL
V :clamping voltage @ 100 ns
CL
1
2
3
4
V : ESD peak voltage
V :clamping voltage @ 30 ns
V :clamping voltage @ 60 ns
PP
CL
CL
V :clamping voltage @ 100 ns
CL
1
2
3
4
47.2 V
19.0 V
17.6 V
15.5 V
1
2
4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com