Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S29CD032J Fiches technique(PDF) 19 Page - SPANSION

No de pièce S29CD032J
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J Fiches technique(HTML) 19 Page - SPANSION

Back Button S29CD032J Datasheet HTML 15Page - SPANSION S29CD032J Datasheet HTML 16Page - SPANSION S29CD032J Datasheet HTML 17Page - SPANSION S29CD032J Datasheet HTML 18Page - SPANSION S29CD032J Datasheet HTML 19Page - SPANSION S29CD032J Datasheet HTML 20Page - SPANSION S29CD032J Datasheet HTML 21Page - SPANSION S29CD032J Datasheet HTML 22Page - SPANSION S29CD032J Datasheet HTML 23Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 81 page
background image
October 11, 2012 S29CD-J_CL-J_00_B7
S29CD-J and S29CL-J Flash Family
19
Data
She e t
7.
Product Overview
The S29CD-J and S29CL-J families consist of 32 Mb and 16 Mb, 2.6 volt-only (CD-J) or 3.3 volt-only (CL-J),
simultaneous read/write, dual boot burst mode Flash devices optimized for today's automotive designs.
These devices are organized in 1,048,576 double words (32 Mb) or 524,288 double words (16 Mb) and are
capable of linear burst read (2, 4, or 8 double words) with wraparound. (Note that 1 double word = 32 bits.)
These products also offer single word programming with program/erase suspend and resume functionality.
Additional features include:
 Advanced Sector Protection methods for protecting sectors as required.
 256 bytes of Secured Silicon area for storing customer or factory secured information. The Secured Silicon
Sector is One-Time Programmable.
 Electronic marking.
7.1
Memory Map
The S29CD-J and S29CL-J devices consist of two banks organized as shown in Table 7.1, Table 7.2,
Table 7.3 and Table 7.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81