| Moteur de recherche de fiches techniques de composants électroniques |
|
S29CD032J Fiches technique(PDF) 9 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S29CD032J Fiches technique(HTML) 9 Page - SPANSION |
|
9 / 81 page ![]() October 11, 2012 S29CD-J_CL-J_00_B7 S29CD-J and S29CL-J Flash Family 9 Data She e t 1.1 Valid Combinations Valid Combinations lists configurations planned to be supported in volume for this device. Consult your local sales office to confirm availability of specific valid combinations and to check on newly released combinations. Notes: 1. The ordering part number that appears on BGA packages omits the leading “S29”. 2. Contact factory for availability. S29CD-J/CL-J Valid Combinations Device Number Initial Burst Access Delay Clock Frequency Package Type Material Set Temperature Range Autoselect ID Option Boot Sector Option Packing Type S29CD016J 0, 1 J Q A, F I, M 0, 1 0, 1, 2, 3 0, 3 B, F 0, 2, 3 0M, P Q 0, 3 B, F 0, 2, 3 S29CL016J 0, 1 J Q 0 0, 3 B, F 0, 2, 3 0M, P Q 0, 3 B, F 0, 2, 3 S29CD032J 0, 1 J Q 0, 3 B, F 0, 2, 3 0 M, P Q 0, 3 B, F 0, 2, 3 R Q 0, 1 (2) 0, 3 2, 3 B, F 0, 1 (2) 0, 2, 3 2, 3 S29CL032J 0, 1 J Q 0, 1, 2, 3 0, 3 B, F 0, 2, 3 0 M, P Q 0, 3 B, F 0, 2, 3 R Q 0, 1 (2) 0, 3 2, 3 B, F 0, 1 (2) 0, 2, 3 2, 3 |