| Moteur de recherche de fiches techniques de composants électroniques |
|
S29CD032J Fiches technique(PDF) 61 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S29CD032J Fiches technique(HTML) 61 Page - SPANSION |
|
61 / 81 page ![]() October 11, 2012 S29CD-J_CL-J_00_B7 S29CD-J and S29CL-J Flash Family 61 Data She e t Figure 18.4 Burst Mode Read (x32 Mode) Figure 18.5 Synchronous Command Write/Read Timing Note All commands have the same number of cycles in both asynchronous and synchronous modes, including the READ/RESET command. Only a single array access occurs after the F0h command is entered. All subsequent accesses are burst mode when the burst mode option is enabled in the Configuration Register. Da Da+2 Da + 3 Da + 7 OE# Data Addresses Aa IND# ADV# CLK CE# tCES tADVCS tAAVH tOE tBACC tBDH tIACC tOEZ tCEZ Da+1 tAAVS tINDS tINDH tAS CLK ADV# Data In Addresses Data OE# Data Out Valid Address WE# IND/WAIT# CE# Valid Address tDS tWADVH1 tWADVH2 tWP tCES tADVP tADVCS tOE tDF tEHQZ tDH tADVCH Valid Address 10 ns tWC tWADVS |