| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC56EC74B3 Fiches technique(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EC74B3 Fiches technique(HTML) 34 Page - STMicroelectronics |
|
34 / 118 page ![]() Package pinouts and signal descriptions SPC564Bxx - SPC56ECxx 34/118 Doc ID 17478 Rev 4 PG[1] PCR[97] AF0 AF1 AF2 AF3 — — — GPIO[97] — E1UC[24] — TX_CLK CAN5RX EIRQ[14] SIUL — eMIOS_1 — FEC FlexCAN_5 SIUL I/O — I/O — I I I M Tristate 121 145 E14 PG[2] PCR[98] AF0 AF1 AF2 AF3 GPIO[98] E1UC[11] SOUT_3 — SIUL eMIOS_1 DSPI_3 — I/O I/O O — M/S Tristate 16 16 E4 PG[3] PCR[99] AF0 AF1 AF2 AF3 — GPIO[99] E1UC[12] CS0_3 — WKPU[17] SIUL eMIOS_1 DSPI_3 — WKPU I/O I/O I/O — I STristate 15 15 E1 PG[4] PCR[100] AF0 AF1 AF2 AF3 GPIO[100] E1UC[13] SCK_3 — SIUL eMIOS_1 DSPI_3 — I/O I/O I/O — M/S Tristate 14 14 F2 PG[5] PCR[101] AF0 AF1 AF2 AF3 — — GPIO[101] E1UC[14] — — WKPU[18] SIN_3 SIUL eMIOS_1 — — WKPU DSPI_3 I/O I/O — — I I STristate 13 13 D1 PG[6] PCR[102] AF0 AF1 AF2 AF3 GPIO[102] E1UC[15] LIN6TX — SIUL eMIOS_1 LINFlexD_6 — I/O I/O O — M/S Tristate 38 38 M1 PG[7] PCR[103] AF0 AF1 AF2 AF3 — — GPIO[103] E1UC[16] E1UC[30] — LIN6RX WKPU[20] SIUL eMIOS_1 eMIOS_1 — LINFlexD_6 WKPU I/O I/O I/O — I I STristate 37 37 L2 Table 5. Functional port pin descriptions (continued) Port pin PCR Function Pin number |