Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC56EC74B3 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce SPC56EC74B3
Description  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC74B3 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button SPC56EC74B3 Datasheet HTML 16Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 17Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 18Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 19Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 20Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 21Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 22Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 23Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 118 page
background image
Package pinouts and signal descriptions
SPC564Bxx - SPC56ECxx
20/118
Doc ID 17478 Rev 4
PA[6]
PCR[6]
AF0
AF1
AF2
AF3
—
—
GPIO[6]
E0UC[6]
—
CS1_1
LIN4RX
EIRQ[1]
SIUL
eMIOS_0
—
DSPI_1
LINFlexD_4
SIUL
I/O
I/O
—
O
I
I
S
Tristate
147
171
D11
PA[7]
PCR[7]
AF0
AF1
AF2
AF3
—
—
—
GPIO[7]
E0UC[7]
LIN3TX
—
RXD[2]
EIRQ[2]
ADC1_S[1]
SIUL
eMIOS_0
LINFlexD_3
—
FEC
SIUL
ADC_1
I/O
I/O
O
—
I
I
I
M/S
Tristate
128
152
C15
PA[8]
PCR[8]
AF0
AF1
AF2
AF3
—
—
—
—
GPIO[8]
E0UC[8]
E0UC[14]
—
RXD[1]
EIRQ[3]
ABS[0]
LIN3RX
SIUL
eMIOS_0
eMIOS_0
—
FEC
SIUL
MC_RGM
LINFlexD_3
I/O
I/O
I/O
—
I
I
I
I
M/S
Input,
weak
pull-up
129
153
B16
PA[9]
PCR[9]
AF0
AF1
AF2
AF3
—
—
GPIO[9]
E0UC[9]
—
CS2_1
RXD[0]
FAB
SIUL
eMIOS_0
—
DSPI1
FEC
MC_RGM
I/O
I/O
—
O
I
I
M/S
Pull-
down
130
154
B15
PA[10]
PCR[10]
AF0
AF1
AF2
AF3
—
—
—
GPIO[10]
E0UC[10]
SDA
LIN2TX
COL
ADC1_S[2]
SIN_1
SIUL
eMIOS_0
I2C
LINFlexD_2
FEC
ADC_1
DSPI_1
I/O
I/O
I/O
O
I
I
I
M/S
Tristate
131
155
A15
Table 5.
Functional port pin descriptions (continued)
Port
pin
PCR
Function
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More