| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC56EC74B3 Fiches technique(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EC74B3 Fiches technique(HTML) 24 Page - STMicroelectronics |
|
24 / 118 page ![]() Package pinouts and signal descriptions SPC564Bxx - SPC56ECxx 24/118 Doc ID 17478 Rev 4 PB[14] PCR[30] AF0 AF1 AF2 AF3 — GPIO[30] E0UC[6] — CS3_0 ADC0_X[2] SIUL eMIOS_0 — DSPI_0 ADC_0 I/O I/O — O I S Tristate 105 127 K15 PB[15] PCR[31] AF0 AF1 AF2 AF3 — GPIO[31] E0UC[7] — CS4_0 ADC0_X[3] SIUL eMIOS_0 — DSPI_0 ADC_0 I/O I/O — O I S Tristate 107 129 K16 PC[0](6) PCR[32] AF0 AF1 AF2 AF3 GPIO[32] — TDI — SIUL — JTAGC — I/O — I — M/S Input, weak pull-up 154 178 B10 PC[1](6) PCR[33] AF0 AF1 AF2 AF3 GPIO[33] — TDO — SIUL — JTAGC — I/O — O — F/M Tristate 149 173 D9 PC[2] PCR[34] AF0 AF1 AF2 AF3 — GPIO[34] SCK_1 CAN4TX — EIRQ[5] SIUL DSPI_1 FlexCAN_4 — SIUL I/O I/O O — I M/S Tristate 145 169 B11 PC[3] PCR[35] AF0 AF1 AF2 AF3 — — — GPIO[35] CS0_1 MA[0] — CAN1RX CAN4RX EIRQ[6] SIUL DSPI_1 ADC_0 — FlexCAN_1 FlexCAN_4 SIUL I/O I/O O I I I S Tristate 144 168 C11 PC[4] PCR[36] AF0 AF1 AF2 AF3 ALT4 — — — GPIO[36] E1UC[31] — FR_B_TX_EN SIN_1 CAN3RX EIRQ[18] SIUL eMIOS_1 — Flexray DSPI_1 FlexCAN_3 SIUL I/O I/O — O I I I M/S Tristate 159 183 A9 Table 5. Functional port pin descriptions (continued) Port pin PCR Function Pin number |