| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC56EC70B3 Fiches technique(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EC70B3 Fiches technique(HTML) 42 Page - STMicroelectronics |
|
42 / 118 page ![]() Package pinouts and signal descriptions SPC564Bxx - SPC56ECxx 42/118 Doc ID 17478 Rev 4 PJ[15] PCR[159] AF0 AF1 AF2 AF3 — GPIO[159] — CS1_6 — CAN1RX SIUL — DSPI_6 — FlexCAN_1 I/O — O — I M/S Tristate — 63 R4 PK[0] PCR[160] AF0 AF1 AF2 AF3 GPIO[160] CAN1TX CS2_6 — SIUL FlexCAN_1 DSPI_6 — I/O O O — M/S Tristate — 62 T3 PK[1] PCR[161] AF0 AF1 AF2 AF3 — GPIO[161] CS3_6 — — CAN4RX SIUL DSPI_6 — — FlexCAN_4 I/O O — — I M/S Tristate — 41 H4 PK[2] PCR[162] AF0 AF1 AF2 AF3 GPIO[162] CAN4TX — — SIUL FlexCAN_4 — — I/O O — — M/S Tristate — 42 L4 PK[3] PCR[163] AF0 AF1 AF2 AF3 — — GPIO[163] E1UC[0] — — CAN5RX LIN8RX SIUL eMIOS_1 — — FlexCAN_5 LINFlexD_8 I/O I/O — — I I M/S Tristate — 43 N1 PK[4] PCR[164] AF0 AF1 AF2 AF3 GPIO[164] LIN8TX CAN5TX E1UC[1] SIUL LINFlexD_8 FlexCAN_5 eMIOS_1 I/O O O I/O M/S Tristate — 44 M3 PK[5] PCR[165] AF0 AF1 AF2 AF3 — — GPIO[165] — — — CAN2RX LIN2RX SIUL — — — FlexCAN_2 LINFlexD_2 I/O — — — I I M/S Tristate — 45 M5 PK[6] PCR[166] AF0 AF1 AF2 AF3 GPIO[166] CAN2TX LIN2TX — SIUL FlexCAN_2 LINFlexD_2 — I/O O O — M/S Tristate — 46 M6 Table 5. Functional port pin descriptions (continued) Port pin PCR Function Pin number |