Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC56EC70B3 Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce SPC56EC70B3
Description  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC70B3 Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button SPC56EC70B3 Datasheet HTML 32Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 33Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 34Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 35Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 36Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 37Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 38Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 39Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 118 page
background image
Package pinouts and signal descriptions
SPC564Bxx - SPC56ECxx
36/118
Doc ID 17478 Rev 4
PH[0]
PCR[112]
AF0
AF1
AF2
AF3
ALT4
—
GPIO[112]
E1UC[2]
—
—
TXD[1]
SIN_1
SIUL
eMIOS_1
—
—
FEC
DSPI_1
I/O
I/O
—
—
O
I
M/S
Tristate
117
141
E15
PH[1]
PCR[113]
AF0
AF1
AF2
AF3
ALT4
GPIO[113]
E1UC[3]
SOUT_1
—
TXD[0]
SIUL
eMIOS_1
DSPI_1
—
FEC
I/O
I/O
O
—
O
M/S
Tristate
118
142
F13
PH[2]
PCR[114]
AF0
AF1
AF2
AF3
ALT4
GPIO[114]
E1UC[4]
SCK_1
—
TX_EN
SIUL
eMIOS_1
DSPI_1
—
FEC
I/O
I/O
I/O
—
O
M/S
Tristate
119
143
D16
PH[3]
PCR[115]
AF0
AF1
AF2
AF3
ALT4
GPIO[115]
E1UC[5]
CS0_1
—
TX_ER
SIUL
eMIOS_1
DSPI_1
—
FEC
I/O
I/O
I/O
—
O
M/S
Tristate
120
144
F14
PH[4]
PCR[116]
AF0
AF1
AF2
AF3
GPIO[116]
E1UC[6]
SOUT_7
—
SIUL
eMIOS_1
DSPI_7
—
I/O
I/O
O
—
M/S
Tristate
162
186
D7
PH[5]
PCR[117]
AF0
AF1
AF2
AF3
—
GPIO[117]
E1UC[7]
—
—
SIN_7
SIUL
eMIOS_1
—
—
DSPI_7
I/O
I/O
—
—
I
S
Tristate
163
187
B7
PH[6]
PCR[118]
AF0
AF1
AF2
AF3
GPIO[118]
E1UC[8]
SCK_7
MA[2]
SIUL
eMIOS_1
DSPI_7
ADC_0
I/O
I/O
I/O
O
M/S
Tristate
164
188
C7
PH[7]
PCR[119]
AF0
AF1
AF2
AF3
ALT4
GPIO[119]
E1UC[9]
CS3_2
MA[1]
CS0_7
SIUL
eMIOS_1
DSPI_2
ADC_0
DSPI_7
I/O
I/O
O
O
I/O
M/S
Tristate
165
189
C6
Table 5.
Functional port pin descriptions (continued)
Port
pin
PCR
Function
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More