Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC56EC70B3 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce SPC56EC70B3
Description  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC70B3 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button SPC56EC70B3 Datasheet HTML 15Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 16Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 17Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 18Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 19Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 20Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 21Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 22Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 118 page
background image
SPC564Bxx - SPC56ECxx
Package pinouts and signal descriptions
Doc ID 17478 Rev 4
19/118
Table 5.
Functional port pin descriptions
Port
pin
PCR
Function
Pin number
PA[0]
PCR[0]
AF0
AF1
AF2
AF3
—
—
GPIO[0]
E0UC[0]
CLKOUT
E0UC[13]
WKPU[19]
CAN1RX
SIUL
eMIOS_0
MC_CGM
eMIOS_0
WKPU
FlexCAN_1
I/O
I/O
O
I/O
I
I
M/S
Tristate
24
24
G4
PA[1]
PCR[1]
AF0
AF1
AF2
AF3
—
—
—
GPIO[1]
E0UC[1]
—
—
WKPU[2]
CAN3RX
NMI[0](3)
SIUL
eMIOS_0
—
—
WKPU
FlexCAN_3
WKPU
I/O
I/O
—
—
I
I
I
STristate
19
19
F3
PA[2]
PCR[2]
AF0
AF1
AF2
AF3
—
—
GPIO[2]
E0UC[2]
—
MA[2]
WKPU[3]
NMI[1](3)
SIUL
eMIOS_0
—
ADC_0
WKPU
WKPU
I/O
I/O
—
O
I
I
STristate
17
17
F1
PA[3]
PCR[3]
AF0
AF1
AF2
AF3
—
—
—
GPIO[3]
E0UC[3]
LIN5TX
CS4_1
RX_ER_CLK
EIRQ[0]
ADC1_S[0]
SIUL
eMIOS_0
LINFlexD_5
DSPI_1
FEC
SIUL
ADC_1
I/O
I/O
O
O
I
I
I
M/S
Tristate
114
138
G16
PA[4]
PCR[4]
AF0
AF1
AF2
AF3
—
—
GPIO[4]
E0UC[4]
—
CS0_1
LIN5RX
WKPU[9]
SIUL
eMIOS_0
—
DSPI_1
LINFlexD_5
WKPU
I/O
I/O
—
I/O
I
I
STristate
51
61
T2
PA[5]
PCR[5]
AF0
AF1
AF2
GPIO[5]
E0UC[5]
LIN4TX
SIUL
eMIOS_0
LINFlexD_4
I/O
I/O
O
M/S
Tristate
146
170
C10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More