Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC56EC70L8 Fiches technique(PDF) 42 Page - STMicroelectronics

No de pièce SPC56EC70L8
Description  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC70L8 Fiches technique(HTML) 42 Page - STMicroelectronics

Back Button SPC56EC70L8 Datasheet HTML 38Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 39Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 40Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 41Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 42Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 43Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 44Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 45Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 118 page
background image
Package pinouts and signal descriptions
SPC564Bxx - SPC56ECxx
42/118
Doc ID 17478 Rev 4
PJ[15]
PCR[159]
AF0
AF1
AF2
AF3
—
GPIO[159]
—
CS1_6
—
CAN1RX
SIUL
—
DSPI_6
—
FlexCAN_1
I/O
—
O
—
I
M/S
Tristate
—
63
R4
PK[0]
PCR[160]
AF0
AF1
AF2
AF3
GPIO[160]
CAN1TX
CS2_6
—
SIUL
FlexCAN_1
DSPI_6
—
I/O
O
O
—
M/S
Tristate
—
62
T3
PK[1]
PCR[161]
AF0
AF1
AF2
AF3
—
GPIO[161]
CS3_6
—
—
CAN4RX
SIUL
DSPI_6
—
—
FlexCAN_4
I/O
O
—
—
I
M/S
Tristate
—
41
H4
PK[2]
PCR[162]
AF0
AF1
AF2
AF3
GPIO[162]
CAN4TX
—
—
SIUL
FlexCAN_4
—
—
I/O
O
—
—
M/S
Tristate
—
42
L4
PK[3]
PCR[163]
AF0
AF1
AF2
AF3
—
—
GPIO[163]
E1UC[0]
—
—
CAN5RX
LIN8RX
SIUL
eMIOS_1
—
—
FlexCAN_5
LINFlexD_8
I/O
I/O
—
—
I
I
M/S
Tristate
—
43
N1
PK[4]
PCR[164]
AF0
AF1
AF2
AF3
GPIO[164]
LIN8TX
CAN5TX
E1UC[1]
SIUL
LINFlexD_8
FlexCAN_5
eMIOS_1
I/O
O
O
I/O
M/S
Tristate
—
44
M3
PK[5]
PCR[165]
AF0
AF1
AF2
AF3
—
—
GPIO[165]
—
—
—
CAN2RX
LIN2RX
SIUL
—
—
—
FlexCAN_2
LINFlexD_2
I/O
—
—
—
I
I
M/S
Tristate
—
45
M5
PK[6]
PCR[166]
AF0
AF1
AF2
AF3
GPIO[166]
CAN2TX
LIN2TX
—
SIUL
FlexCAN_2
LINFlexD_2
—
I/O
O
O
—
M/S
Tristate
—
46
M6
Table 5.
Functional port pin descriptions (continued)
Port
pin
PCR
Function
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More