| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC56EC70L8 Fiches technique(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EC70L8 Fiches technique(HTML) 17 Page - STMicroelectronics |
|
17 / 118 page ![]() SPC564Bxx - SPC56ECxx Package pinouts and signal descriptions Doc ID 17478 Rev 4 17/118 Figure 4. 256-pin BGA configuration 3.1 Pad types In the device the following types of pads are available for system pins and functional port pins: S = Slow(a) M = Medium(a), (b) F = Fast(a), (b) I = Input only with analog feature(a) A = Analog 12 34 56 78 9 10 11 12 13 14 15 16 A PC[15] PB[2] PC[13] PI[1] PE[7] PH[8] PE[2] PE[4] PC[4] PE[3] PH[9] PI[4] PH[11] PE[14] PA[10] PG[11] A B PH[13] PC[14] PC[8] PC[12] PI[3] PE[6] PH[5] PE[5] PC[5] PC[0] PC[2] PH[12] PG[10] PA[11] PA[9] PA[8] B C PH[14] VDD_HV _A PC[9] PL[0] PI[0] PH[7] PH[6] VSS_LV VDD_HV _A PA[5] PC[3] PE[15] PG[14] PE[12] PA[7] PE[13] C D PG[5] PI[6] PJ[4] PB[3] PK[15] PI[2] PH[4] VDD_LV PC[1] PH[10] PA[6] PI[5] PG[15] PF[14] PF[15] PH[2] D E PG[3] PI[7] PH[15] PG[2] VDD_LV VSS_LV PK[10] PK[9] PM[1] PM[0] PL[15] PL[14] PG[0] PG[1] PH[0] VDD_HV _A E F PA[2] PG[4] PA[1] PE[1] PL[2] PM[6] PL[1] PK[11] PM[5] PL[13] PL[12] PM[2] PH[1] PH[3] PG[12] PG[13] F G PE[8] PE[0] PE[10] PA[0] PL[3] VSS_HV VSS_HV VSS_HV VSS_HV VSS_HV VSS_HV PK[12] VDD_HV _B PI[13] PI[12] PA[3] G H PE[9] VDD_HV _A PE[11] PK[1] PL[4] VSS_LV VSS_LV VSS_HV VSS_HV VSS_HV VSS_HV PK[13] VDD_HV _A VDD_LV VSS_LV PI[11] H J VSS_HV VRC_CT RL VDD_LV PG[9] PL[5] VSS_LV VSS_LV VSS_LV VSS_HV VSS_HV VSS_HV PK[14] PD[15] PI[8] PI[9] PI[10] J K RESET VSS_LV PG[8] PC[11] PL[6] VSS_LV VSS_LV VSS_LV VSS_LV VDD_LV VDD_LV PM[3] PD[14] PD[13] PB[14] PB[15] K L PC[10] PG[7] PB[0] PK[2] PL[7] VSS_LV VSS_LV VSS_LV VSS_LV VDD_LV VDD_LV PM[4] PD[12] PB[12] PB[13] VDD_HV _ADC1 L M PG[6] PB[1] PK[4] PF[9] PK[5] PK[6] PK[7] PK[8] PL[8] PL[9] PL[10] PL[11] PB[11] PD[10] PD[11] VSS_HV_ ADC1 M N PK[3] PF[8] PC[6] PC[7] PJ[13] VDD_HV _A PB[10] PF[6] VDD_HV _A PJ[1] PD[2] PJ[5] PB[5] PB[6] PJ[6] PD[9] N P PF[12] PF[10] PF[13] PA[14] PJ[9] PA[12] PF[0] PF[5] PF[7] PJ[3] PI[15] PD[4] PD[7] PD[8] PJ[8] PJ[7] P R PF[11] PA[15] PJ[11] PJ[15] PA[13] PF[2] PF[3] PF[4] VDD_LV PJ[2] PJ[0] PD[0] PD[3] PD[6] VDD_HV _ADC0 PB[7] R T PJ[12] PA[4] PK[0] PJ[14] PJ[10] PF[1] XTAL EXTAL VSS_LV PB[9] PB[8] PI[14] PD[1] PD[5] VSS_HV_ ADC0 PB[4] T 12 34 56 78 9 10 11 12 13 14 15 16 Notes: 1) VDD_HV_B supplies the IO voltage domain for the pins PE[12], PA[11], PA[10], PA[9], PA[8], PA[7], PE[13], PF[14], PF[15], PG[0], PG[1], PH[3], PH[2], PH[1], PH[0], PG[12], PG[13], and PA[3]. 2)Availability of port pin alternate functions depends on product selection. |