Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC56EC70L8 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce SPC56EC70L8
Description  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC70L8 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button SPC56EC70L8 Datasheet HTML 26Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 27Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 28Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 29Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 30Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 31Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 32Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 33Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 118 page
background image
Package pinouts and signal descriptions
SPC564Bxx - SPC56ECxx
30/118
Doc ID 17478 Rev 4
PE[5]
PCR[69]
AF0
AF1
AF2
AF3
—
—
GPIO[69]
E0UC[21]
CS0_1
MA[2]
FR_B_RX
WKPU[30]
SIUL
eMIOS_0
DSPI_1
ADC_0
Flexray
WKPU
I/O
I/O
I/O
O
I
I
M/S
Tristate
161
185
B8
PE[6]
PCR[70]
AF0
AF1
AF2
AF3
—
GPIO[70]
E0UC[22]
CS3_0
MA[1]
EIRQ[22]
SIUL
eMIOS_0
DSPI_0
ADC_0
SIUL
I/O
I/O
O
O
I
M/S
Tristate
167
191
B6
PE[7]
PCR[71]
AF0
AF1
AF2
AF3
—
GPIO[71]
E0UC[23]
CS2_0
MA[0]
EIRQ[23]
SIUL
eMIOS_0
DSPI_0
ADC_0
SIUL
I/O
I/O
O
O
I
M/S
Tristate
168
192
A5
PE[8]
PCR[72]
AF0
AF1
AF2
AF3
GPIO[72]
CAN2TX
E0UC[22]
CAN3TX
SIUL
FlexCAN_2
eMIOS_0
FlexCAN_3
I/O
O
I/O
O
M/S
Tristate
21
21
G1
PE[9]
PCR[73]
AF0
AF1
AF2
AF3
—
—
—
GPIO[73]
—
E0UC[23]
—
WKPU[7]
CAN2RX
CAN3RX
SIUL
—
eMIOS_0
—
WKPU
FlexCAN_2
FlexCAN_3
I/O
—
I/O
—
I
I
I
STristate
22
22
H1
PE[10]
PCR[74]
AF0
AF1
AF2
AF3
—
GPIO[74]
LIN3TX
CS3_1
E1UC[30]
EIRQ[10]
SIUL
LINFlexD_3
DSPI_1
eMIOS_1
SIUL
I/O
O
O
I/O
I
STristate
23
23
G3
PE[11]
PCR[75]
AF0
AF1
AF2
AF3
—
—
GPIO[75]
E0UC[24]
CS4_1
—
LIN3RX
WKPU[14]
SIUL
eMIOS_0
DSPI_1
—
LINFlexD_3
WKPU
I/O
I/O
O
—
I
I
STristate
25
25
H3
Table 5.
Functional port pin descriptions (continued)
Port
pin
PCR
Function
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More