Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC56EL60X Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce SPC56EL60X
Description  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL60X Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button SPC56EL60X Datasheet HTML 34Page - STMicroelectronics SPC56EL60X Datasheet HTML 35Page - STMicroelectronics SPC56EL60X Datasheet HTML 36Page - STMicroelectronics SPC56EL60X Datasheet HTML 37Page - STMicroelectronics SPC56EL60X Datasheet HTML 38Page - STMicroelectronics SPC56EL60X Datasheet HTML 39Page - STMicroelectronics SPC56EL60X Datasheet HTML 40Page - STMicroelectronics SPC56EL60X Datasheet HTML 41Page - STMicroelectronics SPC56EL60X Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 160 page
background image
Package pinouts and signal descriptions
SPC56XL60/54
38/160
Doc ID 15457 Rev 8
31
B[8]
SIUL
—
GPIO[24]
eTimer_0
—
ETC[5]
ADC_0
—
AN[1]
32
E[2]
SIUL
—
GPIO[66]
ADC_0
—
AN[5]
33
VDD_HV_ADR0
—
34
VSS_HV_ADR0
—
35
B[9]
SIUL
—
GPIO[25]
ADC_0
—AN[11]
ADC_1
36
B[10]
SIUL
—
GPIO[26]
ADC_0
—AN[12]
ADC_1
37
B[11]
SIUL
—
GPIO[27]
ADC_0
—AN[13]
ADC_1
38
B[12]
SIUL
—
GPIO[28]
ADC_0
—AN[14]
ADC_1
39
VDD_HV_ADR1
—
40
VSS_HV_ADR1
—
41
VDD_HV_ADV
—
42
VSS_HV_ADV
—
43
B[13]
SIUL
—
GPIO[29]
LINFlexD_1
—
RXD
ADC_1
—
AN[0]
44
B[14]
SIUL
—
GPIO[30]
eTimer_0
—
ETC[4]
SIUL
—
EIRQ[19]
ADC_1
—
AN[1]
45
C[0]
SIUL
—
GPIO[32]
ADC_1
—
AN[3]
46
E[0]
SIUL
—
GPIO[64]
ADC_1
—
AN[5]
47
BCTRL
—
Table 3.
LQFP100 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More