Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC56EL60X Fiches technique(PDF) 87 Page - STMicroelectronics

No de pièce SPC56EL60X
Description  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL60X Fiches technique(HTML) 87 Page - STMicroelectronics

Back Button SPC56EL60X Datasheet HTML 83Page - STMicroelectronics SPC56EL60X Datasheet HTML 84Page - STMicroelectronics SPC56EL60X Datasheet HTML 85Page - STMicroelectronics SPC56EL60X Datasheet HTML 86Page - STMicroelectronics SPC56EL60X Datasheet HTML 87Page - STMicroelectronics SPC56EL60X Datasheet HTML 88Page - STMicroelectronics SPC56EL60X Datasheet HTML 89Page - STMicroelectronics SPC56EL60X Datasheet HTML 90Page - STMicroelectronics SPC56EL60X Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 160 page
background image
D[10]
PCR[58]
SIUL
GPIO[58]
ALT0
GPIO[58]
—
—M
S
53
76
T15
FlexPWM_0
A[0]
ALT1
A[0]
PSMI[20];
PADSEL=1
eTimer_0
—
—
ETC[0]
PSMI[35];
PADSEL=1
D[11]
PCR[59]
SIUL
GPIO[59]
ALT0
GPIO[59]
—
—M
S
54
78
R16
FlexPWM_0
B[0]
ALT1
B[0]
PSMI[24];
PADSEL=1
eTimer_0
—
—
ETC[1]
PSMI[36];
PADSEL=1
D[12]
PCR[60]
SIUL
GPIO[60]
ALT0
GPIO[60]
—M
S
70
99
G14
FlexPWM_0
X[1]
ALT1
X[1]
PSMI[28];
PADSEL=1
LINFlexD_1
—
—
RXD
PSMI[32];
PADSEL=1
D[14]
PCR[62]
SIUL
GPIO[62]
ALT0
GPIO[62]
—
—M
S
73
105
D16
FlexPWM_0
B[1]
ALT1
B[1]
PSMI[25];
PADSEL=2
eTimer_0
—
—
ETC[3]
PSMI[38];
PADSEL=1
Port E
E[0]
PCR[64]
SIUL
—
ALT0
GPI[64]
—
——
—
46
68
T13
ADC_1
—
—
AN[5](3)
—
E[2]
PCR[66]
SIUL
—
ALT0
GPI[66]
—
——
—
32
49
U6
ADC_0
—
—
AN[5](3)
—
Table 8.
Pin muxing (continued)
Port
name
PCR
Peripheral
Alternate
output
function
Output
mux sel
Input
functions
Input mux
select
Weak pull
config during
reset
Pad
speed(1)
Pin #
SRC
=1
SRC
=0
100
pkg
144
pkg
257
pkg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More