Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC56EL60X Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce SPC56EL60X
Description  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL60X Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button SPC56EL60X Datasheet HTML 19Page - STMicroelectronics SPC56EL60X Datasheet HTML 20Page - STMicroelectronics SPC56EL60X Datasheet HTML 21Page - STMicroelectronics SPC56EL60X Datasheet HTML 22Page - STMicroelectronics SPC56EL60X Datasheet HTML 23Page - STMicroelectronics SPC56EL60X Datasheet HTML 24Page - STMicroelectronics SPC56EL60X Datasheet HTML 25Page - STMicroelectronics SPC56EL60X Datasheet HTML 26Page - STMicroelectronics SPC56EL60X Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 160 page
background image
SPC56XL60/54
Introduction
Doc ID 15457 Rev 8
23/160
1.5.27
FlexRay
The FlexRay module provides the following features:
●
Full implementation of FlexRay Protocol Specification 2.1 Rev. A
●
64 configurable message buffers can be handled
●
Dual channel or single channel mode of operation, each as fast as 10 Mbit/s data rate
●
Message buffers configurable as transmit or receive
●
Message buffer size configurable
●
Message filtering for all message buffers based on Frame ID, cycle count, and
message ID
●
Programmable acceptance filters for receive FIFO
●
Message buffer header, status, and payload data stored in system memory (SRAM)
●
Internal FlexRay memories have error detection and correction