| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC56EL60X Fiches technique(PDF) 154 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EL60X Fiches technique(HTML) 154 Page - STMicroelectronics |
|
154 / 160 page ![]() Revision history SPC56XL60/54 154/160 Doc ID 15457 Rev 8 23-Mar-2011 6 (continued) In the “Supply current characteristics (cut2)“ table: – Changed “IDD_LV_MAX” to “IDD_LV_MAX“; – Removed all “40-120 MHz” frequency ranges from the “Conditions” column; – Updated the “Max” values column; – Added parameter “IDD_LV_TYP +IDD_LV_PLL“ with “P” classification and special footnote; – Changed all “25 °C“ temperature conditions to “ambient”; – Added “TJ = 150 °C“ condition to parameters IDD_HV_ADC, IDD_HV_AREF., IDD_HV_OSC, and IDD_HV_FLASH. Changed the timing diagram in the “Main oscillator electrical characteristics” section to reference MTRANS assertion instead of VDDMIN. Updated the jitter specs in the “FMPLL electrical characteristics“ table. In the “ADC conversion characteristics“ table, changed all parameters with units of “counts” to units of “LSB” and updated Min/Max values. Changed IDD_LV_BIST + IDD_LV_PLL operating current (for both cases) to TBD. In the “Supply current characteristics (cut2)” section, added a footnote that IDD_HV_ADC and IDD_HV_AREF represent the total current of both ADCs in the “Current consumption characteristics” table. In the “ADC conversion characteristics” table: – Changed DNL min from -2 to -1. – Changed OFS min from -2 to -6. – Changed OFS max from 2 to 6. – Changed GNE min from -2 to -6. – Changed GNE max from 2 to 6. – Changed SNR min from 69 to 67. – Changed TUE min (without current injection) from -6 to -8. – Changed TUE max (without current injection) from 6 to 8. – Changed TUE min (with current injection) from -8 to -10. Changed TUE max (with current injection) from 8 to 10. Table 44. Document revision history (continued) Date Revision Changes |