| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7491P Fiches technique(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7491P Fiches technique(HTML) 39 Page - STMicroelectronics |
|
39 / 42 page ![]() TDA7491P Package mechanical data Doc ID 13540 Rev 6 39/42 6 Package mechanical data The TDA7491P comes in a 36-pin PowerSSO package with exposed pad down (EPD). Figure 51 below shows the package outline and Table 9 gives the dimensions. In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Table 9. PowerSSO-36 EPD dimensions Symbol Dimensions in mm Dimensions in inches Min Typ Max Min Typ Max A 2.15 - 2.47 0.085 - 0.097 A2 2.15 - 2.40 0.085 - 0.094 a1 0.00 - 0.10 0.000 - 0.004 b 0.18 - 0.36 0.007 - 0.014 c 0.23 - 0.32 0.009 - 0.013 D 10.10 - 10.50 0.398 - 0.413 E 7.40 - 7.60 0.291 - 0.299 e - 0.5 - - 0.020 - e3 - 8.5 - - 0.335 - F - 2.3 - - 0.091 - G- - 0.10 - - 0.004 H 10.10 - 10.50 0.398 - 0.413 h- - 0.40 - - 0.016 k 0 - 8 degrees 0 - 8 degrees L 0.60 - 1.00 0.024 - 0.039 M - 4.30 - - 0.169 - N - - 10 degrees - - 10 degrees O - 1.20 - - 0.047 - Q - 0.80 - - 0.031 - S - 2.90 - - 0.114 - T - 3.65 - - 0.144 - U - 1.00 - - 0.039 - X 4.10 - 4.70 0.161 - 0.185 Y 6.50 - 7.10 0.256 - 0.280 |