Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7491P Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce TDA7491P
Description  2 x 10-watt dual BTL class-D audio amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491P Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button TDA7491P Datasheet HTML 31Page - STMicroelectronics TDA7491P Datasheet HTML 32Page - STMicroelectronics TDA7491P Datasheet HTML 33Page - STMicroelectronics TDA7491P Datasheet HTML 34Page - STMicroelectronics TDA7491P Datasheet HTML 35Page - STMicroelectronics TDA7491P Datasheet HTML 36Page - STMicroelectronics TDA7491P Datasheet HTML 37Page - STMicroelectronics TDA7491P Datasheet HTML 38Page - STMicroelectronics TDA7491P Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
TDA7491P
Applications information
Doc ID 13540 Rev 6
35/42
Emission tests have been performed with a 1-m length of twisted speaker wire with ferrite
beads. Changing the type of the ferrite bead requires care due to factors such as its
effectiveness in the EMC frequency range and impedance stability over the rated current
range. An output snubber network further improves the emissions and this should be tuned
according to the actual PCB, layout and component characteristics.
Figure 47.
Filterless application schematic
AM045140v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42