| Moteur de recherche de fiches techniques de composants électroniques |
|
STA381BWS Fiches technique(PDF) 165 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA381BWS Fiches technique(HTML) 165 Page - STMicroelectronics |
|
165 / 171 page ![]() STA381BWS Applications Doc ID 018937 Rev 6 165/171 Figure 45. F3X (from SAI) source to line/headphone out application scheme Note: For further information, please refer to application note AN3959, 2.0-channel demonstration board based on the STA381BW and STA381BWS. STA381BWS |