Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA381BWS Fiches technique(PDF) 99 Page - STMicroelectronics

No de pièce STA381BWS
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWS Fiches technique(HTML) 99 Page - STMicroelectronics

Back Button STA381BWS Datasheet HTML 95Page - STMicroelectronics STA381BWS Datasheet HTML 96Page - STMicroelectronics STA381BWS Datasheet HTML 97Page - STMicroelectronics STA381BWS Datasheet HTML 98Page - STMicroelectronics STA381BWS Datasheet HTML 99Page - STMicroelectronics STA381BWS Datasheet HTML 100Page - STMicroelectronics STA381BWS Datasheet HTML 101Page - STMicroelectronics STA381BWS Datasheet HTML 102Page - STMicroelectronics STA381BWS Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 171 page
background image
STA381BWS
Register description: New Map
Doc ID 018937 Rev 6
99/171
The charge pump can be synchronized with the PWM frame in order to minimize the
crosstalk between the charge pump and the PWM waveform.
This functionality cannot be activated when the PWMS bit (address 0x15 bit D4) is set to 1.
6.37
Coefficient RAM CRC protection (address 0x71-0x7D)
D7
D6
D5
D4
D3
D2
D1
D0
BQCKE[7]
BQCKE[6]
BQCKE[5]
BQCKE[4]
BQCKE[3]
BQCKE[2]
BQCKE[1]
BQCKE[0]
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
BQCKE[15]
BQCKE[14]
BQCKE[13]
BQCKE[12]
BQCKE[11]
BQCKE[10]
BQCKE[9]
BQCKE[8]
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
BQCKE[23]
BQCKE[22]
BQCKE[21]
BQCKE[20]
BQCKE[19]
BQCKE[18]
BQCKE[17]
BQCKE[16]
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
XCCKE[7]
XCCKE[6]
XCCKE[5]
XCCKE[4]
XCCKE[3]
XCCKE[2]
XCCKE[1]
XCCKE[0]
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
XCCKE[15]
XCCKE[14]
XCCKE[13]
XCCKE[12]
XCCKE[11]
XCCKE[10]
XCCKE[9]
XCCKE[8]
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
XCCKE[23]
XCCKE[22]
XCCKE[21]
XCCKE[20]
XCCKE[19]
XCCKE[18]
XCCKE[17]
XCCKE[16]
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
BQCKR[7]
BQCKR[6]
BQCKR[5]
BQCKR[4]
BQCKR[3]
BQCKR[2]
BQCKR[1]
BQCKR[0]
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
BQCKR[15]
BQCKR[14]
BQCKR[13]
BQCKR[12]
BQCKR[11]
BQCKR[10]
BQCKR[9]
BQCKR[8]
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
BQCKR[23]
BQCKR[22]
BQCKR[21]
BQCKR[20]
BQCKR[19]
BQCKR[18]
BQCKR[17]
BQCKR[16]
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
XCCKR[23]
XCCKR[22]
XCCKR[21]
XCCKR[20]
XCCKR[19]
XCCKR[18]
XCCKR[17]
XCCKR[16]
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
XCCKR[23]
XCCKR[22]
XCCKR[21]
XCCKR[20]
XCCKR[19]
XCCKR[18]
XCCKR[17]
XCCKR[16]
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
XCCKR[23]
XCCKR[22]
XCCKR[21]
XCCKR[20]
XCCKR[19]
XCCKR[18]
XCCKR[17]
XCCKR[16]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More