Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA381BWS Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STA381BWS
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWS Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STA381BWS Datasheet HTML 5Page - STMicroelectronics STA381BWS Datasheet HTML 6Page - STMicroelectronics STA381BWS Datasheet HTML 7Page - STMicroelectronics STA381BWS Datasheet HTML 8Page - STMicroelectronics STA381BWS Datasheet HTML 9Page - STMicroelectronics STA381BWS Datasheet HTML 10Page - STMicroelectronics STA381BWS Datasheet HTML 11Page - STMicroelectronics STA381BWS Datasheet HTML 12Page - STMicroelectronics STA381BWS Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 171 page
background image
STA381BWS
Contents
Doc ID 018937 Rev 6
9/171
7.16.3
Extended attack rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 144
7.16.4
Extended BIQUAD selector . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 144
7.17
EQ soft volume configuration registers (addr 0x37 - 0x38) . . . . . . . . . . 145
7.18
Extra volume resolution configuration registers (address 0x3F; 0x40) . . 146
7.19
PLL configuration registers
(address 0x41; 0x42; 0x43; 0x44; 0x45; 0X46) . . . . . . . . . . . . . . . . . . . 147
7.20
Short-circuit protection mode registers SHOK (address 0x47) . . . . . . . 149
7.21
Extended coefficient range up to -4...4 (address 0x49, 0x4A) . . . . . . . . 151
7.22
Miscellaneous registers (address 0x4B, 0x4C) . . . . . . . . . . . . . . . . . . . 151
7.22.1
Rate power-down enable (RPDNEN) bit (address 0x4B, bit D7) . . . . . 151
7.22.2
Bridge immediately off (BRIDGOFF) bit (address 0x4B, bit D5) . . . . . 152
7.22.3
Channel PWM enable (CPWMEN) bit (address 0x4B, bit D2) . . . . . . . 152
7.22.4
External amplifier hardware pin enabler (LPDP, LPD LPDE) bits
(address 0x4C, bit D7, D6, D5) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 152
7.22.5
Power-down delay selector (PNDLSL[2:0]) bits
(address 0x4C, bit D4, D3, D2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 153
7.22.6
Short-circuit check enable bit (address 0x4C, bit D0) . . . . . . . . . . . . . 153
7.23
Bad PWM detection registers (address 0x4D, 0x4E, 0x4F) . . . . . . . . . . 154
7.24
Enhanced zero-detect mute and input level measurement
(address 0x50-0x54, 0x2E, 0x2F and 0x5E) . . . . . . . . . . . . . . . . . . . . . 155
7.25
Headphone/Line out configuration register (address 0x55) . . . . . . . . . . 157
7.26
F3XCFG (address 0x58; 0x59) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 158
7.27
STCompressorTM configuration register (address 0x5A; 0x5B) . . . . . . 159
7.28
Charge pump synchronization (address 0x5F) . . . . . . . . . . . . . . . . . . . 160
7.29
Coefficient RAM CRC protection (address 0x60-0x6C) . . . . . . . . . . . . . 161
7.30
MISC3 (address 0x6E) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 163
7.31
MISC4 (address 0x7E) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 163
8
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 164
8.1
Application schemes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 164
8.2
Headphone and 2 Vrms line out . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 166
8.3
Typical output configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 167
9
Package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 168
10
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 170



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More