Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA321MP Fiches technique(PDF) 47 Page - STMicroelectronics

No de pièce STA321MP
Description  Scalable digital microphone processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MP Fiches technique(HTML) 47 Page - STMicroelectronics

Back Button STA321MP Datasheet HTML 42Page - STMicroelectronics STA321MP Datasheet HTML 43Page - STMicroelectronics STA321MP Datasheet HTML 44Page - STMicroelectronics STA321MP Datasheet HTML 45Page - STMicroelectronics STA321MP Datasheet HTML 46Page - STMicroelectronics STA321MP Datasheet HTML 47Page - STMicroelectronics STA321MP Datasheet HTML 48Page - STMicroelectronics STA321MP Datasheet HTML 49Page - STMicroelectronics STA321MP Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
STA321MP
Package information
Doc ID 022647 Rev 1
47/50
9.2
VFQFPN56 package
Figure 10.
VFQFPN56 (8 x 8 x 0.9 mm) package mechanical outline
8268201_B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50