| Moteur de recherche de fiches techniques de composants électroniques |
|
STA321MP Fiches technique(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA321MP Fiches technique(HTML) 33 Page - STMicroelectronics |
|
33 / 50 page ![]() STA321MP Registers Doc ID 022647 Rev 1 33/50 7.2.26 Channel input mapping channels 1 and 2 (0x1B) 7.2.27 Channel input mapping channels 3 and 4 (0x1C) 7.2.28 Channel input mapping channels 5 and 6 (0x1D) 7.2.29 Channel input mapping channels 7 and 8 (0x1E) Each channel received via I2S can be mapped to any internal processing channel via the channel input mapping registers. This allows for flexibility in processing, simplifies output stage designs, and enables the ability to perform crossovers. The default settings of these registers map each I2S input channel to its corresponding processing channel. D7 D6 D5 D4 D3 D2 D1 D0 C2IM2 C2IM1 C2IM0 C1IM2 C1IM1 C1IM0 00 1 000 D7 D6 D5 D4 D3 D2 D1 D0 C4IM2 C4IM1 C4IM0 C3IM2 C3IM1 C3IM0 01 1 010 D7 D6 D5 D4 D3 D2 D1 D0 C6IM2 C6IM1 C6IM0 C5IM2 C5IM1 C5IM0 10 1 100 D7 D6 D5 D4 D3 D2 D1 D0 C8IM2 C8M1 C8IM0 C7IM2 C7IM1 C7IM0 11 1 110 CnIM[2:0] Serial input from 000 Channel 1 001 Channel 2 010 Channel 3 011 Channel 4 100 Channel 5 101 Channel 6 110 Channel 7 111 Channel 8 |