| Moteur de recherche de fiches techniques de composants électroniques |
|
STA321MP Fiches technique(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA321MP Fiches technique(HTML) 38 Page - STMicroelectronics |
|
38 / 50 page ![]() Registers STA321MP 38/50 Doc ID 022647 Rev 1 7.2.42 Channel I2S output mapping channels 7 and 8 (0x3A) Each I2S output channel can receive data from any channel output of the volume block. Which channel a particular I2S output receives is dependent upon that channel’s CnOM register bits. 7.2.43 Coefficient address register 1 (0x3B) 7.2.44 Coefficient address register 2 (0x3C) 7.2.45 Coefficient b1 data register, bits 23:16 (0x3D) D7 D6 D5 D4 D3 D2 D1 D0 C8OM2 C8M1 C8OM0 C7OM2 C7OM1 C7OM0 11 1 110 CnOM[2:0] Serial output from 000 Channel 1 001 Channel 2 010 Channel 3 011 Channel 4 100 Channel 5 101 Channel 6 110 Channel 7 111 Channel 8 D7 D6 D5 D4 D3 D2 D1 D0 CFA9 CFA8 00 D7 D6 D5 D4 D3 D2 D1 D0 CFA7 CFA6 CFA5 CFA4 CFA3 CFA2 CFA1 CFA0 00 00 00 0 0 D7 D6 D5 D4 D3 D2 D1 D0 C1B23 C1B22 C1B21 C1B20 C1B19 C1B18 C1B17 C1B16 00 00 00 0 0 |