| Moteur de recherche de fiches techniques de composants électroniques |
|
STA309B Fiches technique(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA309B Fiches technique(HTML) 25 Page - STMicroelectronics |
|
25 / 66 page ![]() STA309B Registers Doc ID 022570 Rev 2 25/66 The table below lists the serial audio input formats supported by the STA309B as related to BICKI = 32 * fs, 48 * fs, 64 * fs, where sampling rate, fs = 32, 44.1, 48, 88.2, 96, 176.4, 192 kHz. BICKI SAI [3:0] SAIFB Interface format 32 * fs 1100 X I2S 15-bit data 1110 X Left/right-justified 16-bit data 48 * fs 0100 X I2S 23-bit data 0100 X I 2S 20-bit data 1000 X I2S 18-bit data 0100 0 MSB-first I2S 16-bit data 1100 1 LSB-first I2S 16-bit data 0001 X Left-justified 24-bit data 0101 X Left-justified 20-bit data 1001 X Left-justified 18-bit data 1101 X Left-justified 16-bit data 0010 X Right-justified 24-bit data 0110 X Right-justified 20-bit data 1010 X Right-justified 18-bit data 1110 X Right-justified 16-bit data 64 * fs 0000 X I2S 24-bit data 0100 X I2S 20-bit data 1000 X I2S 18-bit data 0000 0 MSB-first I2S 16-bit data 1100 1 LSB-first I2S 16-bit data 0001 X Left-justified 24-bit data 0101 X Left-justified 20-bit data 1001 X Left-justified 18-bit data 1101 X Left-justified 16-bit data 0010 X Right-justified 24-bit data 0110 X Right-justified 20-bit data 1010 X Right-justified 18-bit data 1110 X Right-justified 16-bit data |