Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA309B Fiches technique(PDF) 57 Page - STMicroelectronics

No de pièce STA309B
Description  Multichannel digital audio processor with FFX짰
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309B Fiches technique(HTML) 57 Page - STMicroelectronics

Back Button STA309B Datasheet HTML 53Page - STMicroelectronics STA309B Datasheet HTML 54Page - STMicroelectronics STA309B Datasheet HTML 55Page - STMicroelectronics STA309B Datasheet HTML 56Page - STMicroelectronics STA309B Datasheet HTML 57Page - STMicroelectronics STA309B Datasheet HTML 58Page - STMicroelectronics STA309B Datasheet HTML 59Page - STMicroelectronics STA309B Datasheet HTML 60Page - STMicroelectronics STA309B Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 66 page
background image
STA309B
Equalization and mixing
Doc ID 022570 Rev 2
57/66
8
Equalization and mixing
Figure 8.
Channel mixer
8.1
Post-scale
The STA309B provides one additional multiplication after the last interpolation stage and
before the distortion compensation on each channel. This is a 24-bit signed fractional
multiplier.
The scale factor for this multiplier is loaded into RAM using the same I2C registers as the
biquad coefficients and the bass-management.
This post-scale factor can be used in conjunction with an ADC-equipped microcontroller to
perform power-supply error correction. All channels can use channel 1 by setting the post-
scale link bit.
Channel 1
Channel 2
Channel 3
Channel 4
Channel 5
Channel 6
Channel 7
Channel 8
CxMIX1
CxMIX2
CxMIX3
CxMIX4
CxMIX5
CxMIX6
CxMIX7
CxMIX8
Channel x
Table 9.
RAM block for biquads, mixing, and bass management
Index
(decimal)
Index
(hex)
Coefficient
Default
0
0x00
Channel 1 - Biquad 1
C1H10 (b1/2)
0x000000
1
0x01
C1H11 (b2)
0x000000
2
0x02
C1H12 (a1/2)
0x000000
3
0x03
C1H13 (a2)
0x000000
4
0x04
C1H14 (b0/2)
0x400000
5
0x05
Channel 1 - Biquad 2
C1H20
0x000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66