Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA309B Fiches technique(PDF) 53 Page - STMicroelectronics

No de pièce STA309B
Description  Multichannel digital audio processor with FFX짰
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309B Fiches technique(HTML) 53 Page - STMicroelectronics

Back Button STA309B Datasheet HTML 49Page - STMicroelectronics STA309B Datasheet HTML 50Page - STMicroelectronics STA309B Datasheet HTML 51Page - STMicroelectronics STA309B Datasheet HTML 52Page - STMicroelectronics STA309B Datasheet HTML 53Page - STMicroelectronics STA309B Datasheet HTML 54Page - STMicroelectronics STA309B Datasheet HTML 55Page - STMicroelectronics STA309B Datasheet HTML 56Page - STMicroelectronics STA309B Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
STA309B
Registers
Doc ID 022570 Rev 2
53/66
7.2.64
Coefficient b1 data register, bits 15:8 (0x3E)
7.2.65
Coefficient b1 data register, bits 7:0 (0x3F)
7.2.66
Coefficient b2 data register, bits 23:16 (0x40)
7.2.67
Coefficient b2 data register, bits 15:8 (0x41)
7.2.68
Coefficient b2 data register, bits 7:0 (0x42)
7.2.69
Coefficient a1 data register, bits 23:16 (0x43)
7.2.70
Coefficient a1 data register, bits 15:8 (0x44)
D7
D6
D5
D4
D3
D2
D1
D0
C1B15
C1B14
C1B13
C1B12
C1B11
C1B10
C1B9
C1B8
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
C1B7
C1B6
C1B5
C1B4
C1B3
C1B2
C1B1
C1B0
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
C2B23
C2B22
C2B21
C2B20
C2B19
C2B18
C2B17
C2B16
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
C2B15
C2B14
C2B13
C2B12
C2B11
C2B10
C2B9
C2B8
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
C2B7
C2B6
C2B5
C2B4
C2B3
C2B2
C2B1
C2B0
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
C1B23
C1B22
C1B21
C1B20
C1B19
C1B18
C1B17
C1B16
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
C3B15
C3B14
C3B13
C3B12
C3B11
C3B10
C3B9
C3B8
00
00
00
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66