Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISO8200B Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce ISO8200B
Description  Galvanic isolated octal high-side smart power solid state relay
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200B Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button ISO8200B Datasheet HTML 25Page - STMicroelectronics ISO8200B Datasheet HTML 26Page - STMicroelectronics ISO8200B Datasheet HTML 27Page - STMicroelectronics ISO8200B Datasheet HTML 28Page - STMicroelectronics ISO8200B Datasheet HTML 29Page - STMicroelectronics ISO8200B Datasheet HTML 30Page - STMicroelectronics ISO8200B Datasheet HTML 31Page - STMicroelectronics ISO8200B Datasheet HTML 32Page - STMicroelectronics ISO8200B Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
Package mechanical data
ISO8200B
30/33
Doc ID 023802 Rev 1
Table 17.
Footprint data
Dim.
mm
A9.5
B
14.7-15.0
C
12.5-12.7
D6.3
E0.46
F0.27
G0.65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33