Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISO8200B Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce ISO8200B
Description  Galvanic isolated octal high-side smart power solid state relay
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200B Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button ISO8200B Datasheet HTML 4Page - STMicroelectronics ISO8200B Datasheet HTML 5Page - STMicroelectronics ISO8200B Datasheet HTML 6Page - STMicroelectronics ISO8200B Datasheet HTML 7Page - STMicroelectronics ISO8200B Datasheet HTML 8Page - STMicroelectronics ISO8200B Datasheet HTML 9Page - STMicroelectronics ISO8200B Datasheet HTML 10Page - STMicroelectronics ISO8200B Datasheet HTML 11Page - STMicroelectronics ISO8200B Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Pin connection
ISO8200B
8/33
Doc ID 023802 Rev 1
17
NC
Not connected
18
NC
Not connected
19
GNDcc
Output power ground
20
NC
Not connected
21
OUT8
Channel 8 power output
22
OUT8
Channel 8 power output
23
OUT7
Channel 7 power output
24
OUT7
Channel 7 power output
25
OUT6
Channel 6 power output
26
OUT6
Channel 6 power output
27
OUT5
Channel 5 power output
28
OUT5
Channel 5 power output
29
OUT4
Channel 4 power output
30
OUT4
Channel 4 power output
31
OUT3
Channel 3 power output
32
OUT3
Channel 3 power output
33
OUT2
Channel 2 power output
34
OUT2
Channel 2 power output
35
OUT1
Channel 1 power output
36
OUT1
Channel 1 power output
TAB
TAB
Exposed tab internally connected to Vcc, positive power
supply voltage
Table 1.
Pin description (continued)
Pin
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33