Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISO8200B Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce ISO8200B
Description  Galvanic isolated octal high-side smart power solid state relay
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200B Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button ISO8200B Datasheet HTML 23Page - STMicroelectronics ISO8200B Datasheet HTML 24Page - STMicroelectronics ISO8200B Datasheet HTML 25Page - STMicroelectronics ISO8200B Datasheet HTML 26Page - STMicroelectronics ISO8200B Datasheet HTML 27Page - STMicroelectronics ISO8200B Datasheet HTML 28Page - STMicroelectronics ISO8200B Datasheet HTML 29Page - STMicroelectronics ISO8200B Datasheet HTML 30Page - STMicroelectronics ISO8200B Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
ISO8200B
Conventions
Doc ID 023802 Rev 1
27/33
8
Conventions
8.1
Supply voltage and power output conventions
Figure 19, shows the convention used in this paper for voltage and current usage.
Figure 19.
Supply voltage and power output conventions
9
Thermal information
9.1
Thermal impedance
Figure 20.
Simplified thermal model
Idd
Icc
Vdd
Vcc
Iout
Vout
IFAULT
IIN
IOUT_EN
Vdd
FAULT
IN
OUT_EN
GNDdd
GNDcc
OUT
Vcc
SYNC
LOAD
ISYNC
ILOAD
AM14997v1
Rth1a
Rth1b
Rth1h
Rth2
Rthc_a
Cth
Tj1
Tj2
Tj8
AM14998v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33