Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXD3003 Fiches technique(PDF) 110 Page - Sony Corporation

No de pièce CXD3003
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003 Fiches technique(HTML) 110 Page - Sony Corporation

Back Button CXD3003 Datasheet HTML 106Page - Sony Corporation CXD3003 Datasheet HTML 107Page - Sony Corporation CXD3003 Datasheet HTML 108Page - Sony Corporation CXD3003 Datasheet HTML 109Page - Sony Corporation CXD3003 Datasheet HTML 110Page - Sony Corporation CXD3003 Datasheet HTML 111Page - Sony Corporation CXD3003 Datasheet HTML 112Page - Sony Corporation CXD3003 Datasheet HTML 113Page - Sony Corporation CXD3003 Datasheet HTML 114Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 137 page
background image
– 110 –
CXD3003R
§5-18. Servo Status Changes Produced by the LOCK Signal
When the LOCK signal becomes low, the TRK servo switches to the gain-up mode and the SLD servo turns off
in order to prevent SLD free-running.
Setting D6 (LKSW) of $38 to 1 deactivates this function.
In other words, neither the TRK servo nor the SLD servo change even when the LOCK signal becomes low.
This enables microcomputer control.
§5-19. Description of Commands and Data Sets
The following description contains portions which convert internal voltages into the values when they are
output externally and describe them as input conversion or output conversion.
Input conversion converts these voltages into the voltages entering input pins before A/D conversion.
Output conversion converts PWM output values into analog voltage values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More