Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXD3003 Fiches technique(PDF) 70 Page - Sony Corporation

No de pièce CXD3003
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003 Fiches technique(HTML) 70 Page - Sony Corporation

Back Button CXD3003 Datasheet HTML 66Page - Sony Corporation CXD3003 Datasheet HTML 67Page - Sony Corporation CXD3003 Datasheet HTML 68Page - Sony Corporation CXD3003 Datasheet HTML 69Page - Sony Corporation CXD3003 Datasheet HTML 70Page - Sony Corporation CXD3003 Datasheet HTML 71Page - Sony Corporation CXD3003 Datasheet HTML 72Page - Sony Corporation CXD3003 Datasheet HTML 73Page - Sony Corporation CXD3003 Datasheet HTML 74Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 137 page
background image
– 70 –
CXD3003R
Timing Chart 2-5
Measurement interval (approximately 3.8µs)
Reference window
(132.2kHz)
Measurement pulse
(V16M/2)
Measurement counter
VF0 to 9
Load
m
The relative velocity of the disc can be obtained with the following equation.
R =
(R: Relative velocity, m: Measurement results)
VF0 to 9 is the result obtained by counting VLKI/2 pulses while the reference signal (132.2kHz) generated from
XTAL (XTLI, XTLO) (384Fs) is high. This value is 31 when the disc is rotating at normal speed and 63 when it
is rotating at double speed (when DSPB is low).
m + 1
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More