| Moteur de recherche de fiches techniques de composants électroniques |
|
CXD3003 Fiches technique(PDF) 47 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
CXD3003 Fiches technique(HTML) 47 Page - Sony Corporation |
|
47 / 137 page ![]() – 47 – CXD3003R $BX commands This command sets the traverse monitor count. Command Data 1 Data 2 Data 3 Data 4 D23 D22 D21 D20 D19 D18 D17 D16 D15 D14 D13 D12 D11 D10 D9 D8 215 214 213 212 211 210 29 28 27 26 25 24 23 22 21 20 Traverse monitor count setting • When the set number of tracks are counted during fine search, the sled control for the traverse cycle control goes off. • The traverse monitor count is set to monitor the traverse status from the SENS output as COMP and COUT. |