| Moteur de recherche de fiches techniques de composants électroniques |
|
CXD3003 Fiches technique(PDF) 73 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
CXD3003 Fiches technique(HTML) 73 Page - Sony Corporation |
|
73 / 137 page ![]() – 73 – CXD3003R CLV-W Mode NO YES KICK $E8000 Mute OFF $A00XXXX ALOCK = H ? NO YES ALOCK = L ? CLV-W MODE START CAV-W $E665X (CLVA) CLV-W $E6C00 (CLVA) (WFCK PLL) Fig. 3-2. CLV-W Mode Flow Chart VCO-C Mode R? (What minutes for absolute time?) n? (Calculates n) Transfer $E00510 Transfer $DX XX Track Jump Subroutine ← What multiple speed is this equivalent to at arrival? ← Calculates VP0 to 7. ← Switches to VCO control mode. EPWM = SPDC = ICAP = SFSL = VC2C = LPWR = 0, HIFC = VPON = 1 ← Transfers VP0 to 7. ( equivalent to VP0 to 7) ← Switches to normal-speed playback mode. EPWM = SFSL = VC2C = LPWR = 0, SPDC = ICAP = HIFC = VPON = 1 Access START Access END Transfer $E66500 Fig. 3-3. Access Flow Chart Using VCO Control |