Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXD3003 Fiches technique(PDF) 133 Page - Sony Corporation

No de pièce CXD3003
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003 Fiches technique(HTML) 133 Page - Sony Corporation

Back Button CXD3003 Datasheet HTML 129Page - Sony Corporation CXD3003 Datasheet HTML 130Page - Sony Corporation CXD3003 Datasheet HTML 131Page - Sony Corporation CXD3003 Datasheet HTML 132Page - Sony Corporation CXD3003 Datasheet HTML 133Page - Sony Corporation CXD3003 Datasheet HTML 134Page - Sony Corporation CXD3003 Datasheet HTML 135Page - Sony Corporation CXD3003 Datasheet HTML 136Page - Sony Corporation CXD3003 Datasheet HTML 137Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 133 / 137 page
background image
– 133 –
CXD3003R
TRK Servo Gain up 2; Fs = 88.2kHz, during quasi double accuracy (Ex.: $3EX5X0)
K3B
K3A
80H
K3D
Z–1
K39
Z–1
7FH
K38
81H
Z–1
M0C
M0B
2–7
2–7
M0D
M0E
Z–1
K3E
K23
TRK
AUTO Gain
TRK PWM
27
TRK JMP
M0F
2–1
K19
DFCT
TRK
Hold Reg
TRK
In Reg
K36
K37
2–7
2–7
K3C
2–7
∗
∗
∗
∗
81H, 7FH and 80H are each Hex display 8-bit fixed values when set to quasi double accuracy.
Note) Set the MSB bit of the K39 and K3B coefficients during normal operation, and of the K36, K37
and K3C coefficients during quasi double accuracy to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More