Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXD3003R Fiches technique(PDF) 51 Page - Sony Corporation

No de pièce CXD3003R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003R Fiches technique(HTML) 51 Page - Sony Corporation

Back Button CXD3003R Datasheet HTML 47Page - Sony Corporation CXD3003R Datasheet HTML 48Page - Sony Corporation CXD3003R Datasheet HTML 49Page - Sony Corporation CXD3003R Datasheet HTML 50Page - Sony Corporation CXD3003R Datasheet HTML 51Page - Sony Corporation CXD3003R Datasheet HTML 52Page - Sony Corporation CXD3003R Datasheet HTML 53Page - Sony Corporation CXD3003R Datasheet HTML 54Page - Sony Corporation CXD3003R Datasheet HTML 55Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 137 page
background image
– 51 –
CXD3003R
Command bit
VP0 to 7 = F0 (H)
:
VP0 to 7 = E0 (H)
:
VP0 to 7 = C0 (H)
:
VP0 to 7 = A0 (H)
:
VP0 to 7 = 80 (H)
:
VP0 to 7 = 60 (H)
:
VP0 to 7 = 40 (H)
VP0 to 7 = 20 (H)
VP0 to 7 = 00 (H)
Playback at 1/2 (1, 2)
× speed
to
Playback at 1 (2, 4)
× speed
to
Playback at 2 (4, 8)
× speed
to
Playback at 3 (6, 12)
× speed
to
Playback at (8, 16)
× speed
to
Playback at (10, 20)
× speed
to
Playback at (12, 24)
× speed
Playback at (14, –)
× speed
Playback at (16, –)
× speed
Description
Notes)
1. Values when crystal is 16.9344MHz and XTSL is low or when crystal is 33.8688MHz and XTLS is high.
2. Regarding the values in parentheses, the former ones are for when DSPB = 1 and VPCTL0, 1 = 0, and the
latter ones are for when DSPB = 1, VPCTL0 = 1 and VPCTL1 = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More