Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXD3003R Fiches technique(PDF) 47 Page - Sony Corporation

No de pièce CXD3003R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003R Fiches technique(HTML) 47 Page - Sony Corporation

Back Button CXD3003R Datasheet HTML 43Page - Sony Corporation CXD3003R Datasheet HTML 44Page - Sony Corporation CXD3003R Datasheet HTML 45Page - Sony Corporation CXD3003R Datasheet HTML 46Page - Sony Corporation CXD3003R Datasheet HTML 47Page - Sony Corporation CXD3003R Datasheet HTML 48Page - Sony Corporation CXD3003R Datasheet HTML 49Page - Sony Corporation CXD3003R Datasheet HTML 50Page - Sony Corporation CXD3003R Datasheet HTML 51Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 137 page
background image
– 47 –
CXD3003R
$BX commands
This command sets the traverse monitor count.
Command
Data 1
Data 2
Data 3
Data 4
D23 D22 D21 D20 D19 D18 D17 D16 D15 D14 D13 D12 D11 D10 D9 D8
215
214
213
212
211
210
29
28
27
26
25
24
23
22
21
20
Traverse monitor count
setting
• When the set number of tracks are counted during fine search, the sled control for the traverse cycle control
goes off.
• The traverse monitor count is set to monitor the traverse status from the SENS output as COMP and COUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More