Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXD3003R Fiches technique(PDF) 115 Page - Sony Corporation

No de pièce CXD3003R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003R Fiches technique(HTML) 115 Page - Sony Corporation

Back Button CXD3003R Datasheet HTML 111Page - Sony Corporation CXD3003R Datasheet HTML 112Page - Sony Corporation CXD3003R Datasheet HTML 113Page - Sony Corporation CXD3003R Datasheet HTML 114Page - Sony Corporation CXD3003R Datasheet HTML 115Page - Sony Corporation CXD3003R Datasheet HTML 116Page - Sony Corporation CXD3003R Datasheet HTML 117Page - Sony Corporation CXD3003R Datasheet HTML 118Page - Sony Corporation CXD3003R Datasheet HTML 119Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 137 page
background image
– 115 –
CXD3003R
SD6
1
0
0
1
0
Data RAM data for address = SD4 to SD0
Coefficient RAM data for address = SD5 to SD0
SD4
1
0
SD3 to SD0
1 1 1 1
1 1 1 0
1 1 0 1
1 1 0 0
0 0 1 1
0 0 1 0
0 0 0 1
1 1
∗ ∗
1 0
∗ ∗
0 1
∗ ∗
0 0 1 1
0 0 1 0
0 0 0 1
0 0 0 0
RF AVRG register
RFDC input signal
FBIAS register
TRVSC register
RFDC envelope (bottom)
RFDC envelope (peak)
RFDC envelope
(peak) – (bottom)
VC AVRG register
FE AVRG register
TE AVRG register
FE input signal
TE input signal
SE input signal
VC input signal
8 bit
8 bit
9 bit
9 bit
8 bit
8 bit
8 bit
9 bit
9 bit
9 bit
8 bit
8 bit
8 bit
8 bit
$399F
$399E
$399D
$399C
$3993
$3992
$3991
$398C
$3988
$3984
$3983
$3982
$3981
$3980
8 bit
16 bit
SD5
Readout data
Readout data length
Note) Coefficients K40 to K4F cannot be read out.
∗: Don't care
See the description for SRO1 and SRO0 of $3F concerning readout methods for the above data.
D15
D14
D13
D12
D11
D10
D9
D8
DAC
SD6
SD5
SD4
SD3
SD2
SD1
SD0
DAC:
Serial data readout DAC mode (on/off)
SD6 to SD0: Serial readout data select
$39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More