| Moteur de recherche de fiches techniques de composants électroniques |
|
VC-708 Fiches technique(PDF) 1 Page - Vectron International, Inc |
|
|
|||||||||||||||||||||||||||||
VC-708 Fiches technique(HTML) 1 Page - Vectron International, Inc |
|
1 / 7 page ![]() Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com VC-708 LVPECL, LVDS Crystal Oscillator Data Sheet Ultra Low Phase Noise Vectron’s VC-708 Crystal Oscillator is a quartz stabilized, low phase noise, differential output oscillator which is hermetically sealed in a 5x7 ceramic package. 47 fs RMS jitter typical, 12kHz-20MHz • Ultra Low Jitter Performance, 3rd OT Crystal Design • Differential Output • Low Current Consumption • -10/70°C or -40/85°C Operation • Hermetically Sealed 5x7 Ceramic Package • Product is compliant to RoHS directive • and fully compatible with lead free assembly Ethernet, GbE, SynchE • Fiber Channel • PON • Driving A/D’s, D/A’s, FPGA’s • Test and Measurement • Medical • Storage Area Networking • Telecom • COTS • Features Applications Block Diagram Description VC-708 Phase Noise Plot V DD Output NC Gnd Oscillator Crystal NC Complementary Output Page1 |
Numéro de pièce similaire - VC-708_11 |
|
Description similaire - VC-708_11 |