Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VC-708 Fiches technique(PDF) 4 Page - Vectron International, Inc

No de pièce VC-708
Description  LVPECL, LVDS Crystal Oscillator Data Sheet Ultra Low Phase Noise
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VECTRON [Vectron International, Inc]
Site Internet  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-708 Fiches technique(HTML) 4 Page - Vectron International, Inc

  VC-708_11 Datasheet HTML 1Page - Vectron International, Inc VC-708_11 Datasheet HTML 2Page - Vectron International, Inc VC-708_11 Datasheet HTML 3Page - Vectron International, Inc VC-708_11 Datasheet HTML 4Page - Vectron International, Inc VC-708_11 Datasheet HTML 5Page - Vectron International, Inc VC-708_11 Datasheet HTML 6Page - Vectron International, Inc VC-708_11 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Package and Pinout
Table 3. Pinout
Pin #
Symbol
Function
1
NC
No Internal Connection is made
2
NC
No Internal Connection is made
3
GND
Electrical and Lid Ground
4f
O
Output Frequency
5Cf
O
Complementary Output Frequency
6V
DD
Supply Voltage
Figure 3. Package Outline Drawing
7.0±0.15
5.0±0.15
1.40
1.20
3.57
2.54
5.08
VC-708
Frequency
Date Code
1
3
1
Bottom View
5
2
23
65
4
64
1.8 max
Figure 2. Pad Layout
1.96
3.66
5.08
2.54
1.78
LVPECL Application Diagrams
The VC-708 incorporates a standard PECL output scheme, which are unterminated FET drains. There are numerous application notes on terminating and
interfacing PECL logic and the two most common methods are a single resistor to ground, Figure 4, and a pull-up/pull-down scheme as shown in Figure 5.
AC coupling capacitor are optional, depending on the application and the input logic requirements of the next stage.
1
2
3
6
5
4
NC
NC
VDD
140
140
0.01uF
0.01uF
0.01uF
Figure 4. Single Resistor Termination Scheme
Resistor values are typically 140 ohms for 3.3V operation and
84 ohms for 2.5V operation.
Figure 5. Pull-Up Pull Down Termination
Resistor values shown are typical for 3.3 V opertaion.
For 2.5V operation, the resistor to ground is 62 ohms and
the resistor to supply is 250 ohms
One of the most important considerations is terminating the Output and Complementary Outputs equally. An unused output should not be left untermi-
nated, and if it one of the two outputs is left open it will result in excessive jitter on both. PC board layout must take this and 50 ohm impedance matching
into account. Load matching and power supply noise are the main contributors to jitter related problems.
Units are mm
Page4



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com