Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLAS191A Fiches technique(PDF) 46 Page - Texas Instruments

No de pièce SLAS191A
Description  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SLAS191A Fiches technique(HTML) 46 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 42Page - Texas Instruments SLAS191A Datasheet HTML 43Page - Texas Instruments SLAS191A Datasheet HTML 44Page - Texas Instruments SLAS191A Datasheet HTML 45Page - Texas Instruments SLAS191A Datasheet HTML 46Page - Texas Instruments SLAS191A Datasheet HTML 47Page - Texas Instruments SLAS191A Datasheet HTML 48Page - Texas Instruments SLAS191A Datasheet HTML 49Page - Texas Instruments SLAS191A Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 86 page
background image
2–10
Figure 2–10 shows the proper way to change incorrect entries. Using the Arrow, Delete or Insert keys as
inputs causes unpredictable behavior. After entering an incorrect register content, the entire input should
be entered again. Another method is to press <ESC> and to enter the r[i] command again.
NOTE:
The ENTER key must never be pressed after entering an incorrect input.
To start the register command type r <ENTER>
Enter <ESC>
Incorrect terminal input ’$%^&’
Type r5 <ENTER> to modify register r5
Correct terminal input to modify r5
>init
MSP–STK430A320
>r
reg 0000 : 0300 03de 0008 0000 f48c 0010 0069 000e
reg 0008 : 9a28 406c 0000 ffd0 4040 6807 e2ca 87a0
>r5
reg 0005 : 0010 $%^& 4567
reg 0006
0069
>r
reg 0000 : 0300 03de 0008 0000 f48c 4567 0069 000e
reg 0008 : 9a28 406c 0000 ffd0 4040 6807 e2ca 87a0
>
Figure 2–10. Revise Memory Modification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86