Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLAS191A Fiches technique(PDF) 39 Page - Texas Instruments

No de pièce SLAS191A
Description  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SLAS191A Fiches technique(HTML) 39 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 35Page - Texas Instruments SLAS191A Datasheet HTML 36Page - Texas Instruments SLAS191A Datasheet HTML 37Page - Texas Instruments SLAS191A Datasheet HTML 38Page - Texas Instruments SLAS191A Datasheet HTML 39Page - Texas Instruments SLAS191A Datasheet HTML 40Page - Texas Instruments SLAS191A Datasheet HTML 41Page - Texas Instruments SLAS191A Datasheet HTML 42Page - Texas Instruments SLAS191A Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 86 page
background image
2–3
b,w
The b and w commands shown in Figure 2–3 switch to byte or word indication mode. The two
indication modes are only important for the memory inspect command m. The Monitor completes the
entered command (byte or word).
Enter b at the command prompt
Enter w at the command prompt
>MSP–STK430A320
>byte
>m0300 10
mem 0300 : 40 00 80 80 00 00 52 00 41 10 01 06 04 20 02 00
>word
>m0300 10
mem 0300 : 0040 8080 0000 0052 1041 1601 2004 0002
Figure 2–3. Byte, Word Commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86